Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC102 Datasheet HTML 1Page - STMicroelectronics TSC102 Datasheet HTML 2Page - STMicroelectronics TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2011
Doc ID 16754 Rev 2
1/24
24
TSC102
High-side current sense amplifier plus signal conditioning amplifier
Features
■ Independent supply and input common-mode
voltages
■ Wide common-mode operating range:
2.8 to 30 V
■ Wide common-mode surviving range:
-16 to 60 V (reversed battery and load-dump
conditions)
■ Low current consumption: ICC max = 420 µA
■ Output amplifier for tailor-made signal
conditioning
■ -40 to 125° C operating temperature range
■ 4 kV ESD protection
Applications
■ Battery chargers
■ Automotive current monitoring
■ Notebook computers
■ DC motor control
■ Photovoltaic systems
■ Precision current sources
■ Uninterruptible power supplies
■ High-end power supplies
Description
The TSC102 measures a small differential voltage
on a high-side shunt resistor and translates it into
a ground-referenced output voltage.
The device’s wide input common-mode voltage
range, low quiescent current and tiny TSSOP8
packaging enable use in a wide variety of
applications (also available in SO-8 package).
The input common-mode and power supply
voltages are independent. The common-mode
voltage can range from 2.8 to 30 V in operating
conditions.
The TSC102 is rugged against abnormal
conditions on the input pins: Vp and Vm can
withstand up to 60 V in case of voltage spikes, as
little as -16 V in case of reversed battery, and up
to 4 kV in case of electrostatic discharge.
In addition to the current sensing amplifier, the
TSC102 offers a fully accessible amplifier for
output signal conditioning.
The device’s overall current consumption is lower
than 420 µA.
Pin connections
(top view)
D
SO-8
(Plastic package)
P
TSSOP8
(Plastic package)
2
1
3
A1
Vm
Gnd
6
8
Vcc
Vp
4
A2
7 A3
5 Out
www.st.com


Similar Part No. - TSC102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021AIPT STMICROELECTRONICS-TSC1021AIPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021AIYPT STMICROELECTRONICS-TSC1021AIYPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021BIPT STMICROELECTRONICS-TSC1021BIPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
More results

Similar Description - TSC102

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com