Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics TSC102 Datasheet HTML 14Page - STMicroelectronics TSC102 Datasheet HTML 15Page - STMicroelectronics TSC102 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Parameter definitions
TSC102
12/24
Doc ID 16754 Rev 2
6
Parameter definitions
6.1
Common-mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
6.2
Supply voltage rejection ratio (SVR)
The supply voltage rejection ratio (SVR) measures the ability of the current sensing amplifier
to reject any variation of the supply voltage VCC. The SVR is referred back to the input so
that its effect can be compared with the applied differential signal. The SVR is defined by the
formula:
6.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Va1 versus Vsense curve with the X-axis (see Figure 18). If Va11 is the output voltage with
Vsense =Vsense1 = 50 mV and Va12 is the output voltage with Vsense =Vsense2 = 5 mV, then
Vos can be calculated with the formula:
The amplification gain Av is defined as the ratio between the output voltage and the input
differential voltage.
CMR
20
–
ΔV
a1
ΔV
icm
Av
⋅
------------------------------
log
⋅
=
SVR
20
–
ΔV
a1
ΔV
cc
Av
⋅
---------------------------
log
⋅
=
V
os
V
sense1
V
sense1
V
sense2
–
V
a11
V
a12
–
------------------------------------------------
V
out1
⋅
⎝⎠
⎛⎞
–
=
Av
V
out
V
sense
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com