Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics TSC102 Datasheet HTML 14Page - STMicroelectronics TSC102 Datasheet HTML 15Page - STMicroelectronics TSC102 Datasheet HTML 16Page - STMicroelectronics TSC102 Datasheet HTML 17Page - STMicroelectronics TSC102 Datasheet HTML 18Page - STMicroelectronics TSC102 Datasheet HTML 19Page - STMicroelectronics TSC102 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application information
TSC102
16/24
Doc ID 16754 Rev 2
7
Application information
The TSC102 can be used to measure current and feed back the information to a
microcontroller, as shown in Figure 21.
Figure 21.
Typical application schematic
This fully-accessible output amplifier offers wide schematic possibilities, as shown in the
following examples.
Figure 22.
Gain higher than 20
Vreg
Microcontroller
ADC
GND
VCC
5 V
Vsense
1
8
5
Vp
Vm
Vcc
TSC102
2
Out
Gnd
3
7
4
A1
A2
A3
6
Rsense
Iload
Vout
load
AM04511
5 V
R1
R2
Vout = Av.(1+R1/R2).Vsense
Vsense
1
8
5
Vp
Vm
Vcc
TSC102
2
Out
Gnd
3
7
4
A1
A2
A3
6
AM04512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com