Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics TSC102 Datasheet HTML 14Page - STMicroelectronics TSC102 Datasheet HTML 15Page - STMicroelectronics TSC102 Datasheet HTML 16Page - STMicroelectronics TSC102 Datasheet HTML 17Page - STMicroelectronics TSC102 Datasheet HTML 18Page - STMicroelectronics TSC102 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TSC102
Parameter definitions
Doc ID 16754 Rev 2
15/24
Figure 20.
Va1 vs. Vsense theoretical and actual characteristics
The output voltage accuracy, expressed as a percentage, can be calculated with the
following formula:
with Av = 20 V/V.
Vsense
5 mV
Ideal
Actual
Va1
Va1 accuracy for V
sense = 5 mV
AM04510
Vsense
5 mV
Ideal
Actual
Va1
Va1 accuracy for V
sense = 5 mV
AM04510
ΔV
a1
abs V
a1
Av
V
sense
⋅
()
–
()
Av
V
sense
⋅
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com