Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC102 Datasheet HTML 1Page - STMicroelectronics TSC102 Datasheet HTML 2Page - STMicroelectronics TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute maximum ratings and operating conditions
TSC102
4/24
Doc ID 16754 Rev 2
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)±20
V
Vi
Current sensing input pin voltages (Vp and Vm)
(1)
1.
These voltage values are measured with respect to the GND pin.
-16 to 60
V
V1
Voltage for pins A1, A2, A3, Out, Vcc(1)
-0.3 to 7
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum junction temperature
150
°C
Rthja
TSSOP8 thermal resistance junction to ambient
120
°C/W
SO-8 thermal resistance junction to ambient
125
°C/W
ESD
HBM: human body model for Vm and Vp pins
(2)
2.
Human body model for Vm and Vp: a 100 pF capacitor is charged to the specified voltage, then discharged
through a 1.5 k
Ω resistor between the Vp or Vm pin and Gnd while the other pins are floating.
4kV
HBM: human body model(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2.5
kV
MM: machine model(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(5)
5.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
DC supply voltage from Tmin to Tmax
3.5 to 5.5
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C
Vicm
Common mode voltage range (Vm pin voltage)
2.8 to 30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com