Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TSC102
Electrical characteristics
Doc ID 16754 Rev 2
7/24
Table 9.
Signal conditioning amplifier
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vicm
Common mode voltage range
Tmin < Tamb < Tmax
0Vcc
VIO
Input offset voltage
Va2 =1V
Tamb =25° C
-40° C < Tamb < 150° C
±3.5
±4.5
mV
ΔVIO
Input offset voltage drift
Tmin < Tamb < Tmax
5µV/°C
Iib
Input bias current
Va2 =Va3 =VCC/2
10
pA
Voh2
Output high-level saturation
voltage (Voh2 =VCC-Vout)
Va2 =1V Va3 =0V Iout =1mA
-40° C< Tamb < 125° C
85
185
mV
Vol2
Output low-level saturation voltage
Va2 =0V Va3 =1V
Iout =1mA
-40° C< Tamb < 125° C
75
165
mV
Isc2
Short-circuit current
Out connected to VCC or Gnd
12
30
mA
ΔVout/ΔIout Output stage load regulation
-10 mA < Iout < +10 mA
Va2 =1V
Iout sink or source current
300
µV/mA
CMR2
DC common mode rejection
Variation of VIO versus Vicm
Tmin < Tamb < Tmax
0V<Va2<3 V
0V<Va2<5 V
70
60
95
80
dB
SVR2
Supply voltage rejection
Variation of VIO versus VCC
3.5 V<VCC<5.5 V
Va2 =1V
-40° C < Tamb < 125° C
85
105
dB
GBP
Gain bandwidth product
RL =10kΩ, Cload =100 pF,
f=100kHz
1MHz
PM
Phase margin
RL =10kΩ, Cload = 100 pF
65
deg
SR
Slew rate
RL =10kΩ, Cload =100 pF
Va2 = 0.5 V to 4.5 V
A3 connected to OUT (follower
configuration)
Slew rate measured from 10%
to 90% of Vout step
0.2
0.4
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com