Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TSC102
Electrical characteristics curves: current sense amplifier
Doc ID 16754 Rev 2
9/24
Figure 6.
Vp pin input bias current vs.
Vsense
Figure 7.
Vm pin input bias current vs.
Vsense
0
10
20
30
40
50
60
70
80
-250
-150
-50
50
150
250
Vsense (mV)
T=125°C
T=-40°C
T=25°C
0
1
2
3
4
5
6
7
8
9
-250
-150
-50
50
150
250
Vsense (mV)
T=125°C
T=-40°C
T=25°C
Figure 8.
Output stage low-state saturation
voltage versus output current
(Vsense = -1 V)
Figure 9.
Output stage high-state saturation
voltage versus output current
(Vsense = +1 V)
0
200
400
600
800
1000
1200
02468
10
ia1 (mA)
T=125°C
T=-40°C
T=25°C
output stage
sinking current
0
200
400
600
800
1000
1200
1400
-10
-8-6-4-2
0
ia1 (mA)
T=125°C
T=-40°C
T=25°C
output stage
sourcing current
Figure 10.
Output stage load regulation
Figure 11.
Step response
-2
-1
0
1
2
3
4
5
6
7
-10
-5
0
5
10
ia1(mA)
output stage
sourcing current
output stage
sinking current
T=125°C
T=-40°C
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com