Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics curves: current sense amplifier
TSC102
8/24
Doc ID 16754 Rev 2
4
Electrical characteristics curves: current sense
amplifier
Unless otherwise specified, the test conditions for the following curves are:
●
Tamb =25° C, VCC =5V, Vsense =Vp-Vm =50mV, Vm =12V.
●
no load on Out pin.
●
signal conditioning amplifier used as a buffer (pin A3 connected to pin Out and pin A1
connected to pin A2).
Figure 2.
Output voltage vs. Vsense
Figure 3.
A1 pin voltage accuracy vs. Vsense
0
1
2
3
4
5
6
-50
50
150
250
Vsense (mV)
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
0
50
100
150
200
Vsense (mV)
guaranteed
accuracy @25°C
guaranteed
accuracy vs. T
typical accuracy
Figure 4.
Supply current vs. supply voltage
Figure 5.
Supply current vs. Vsense
0
50
100
150
200
250
300
350
400
450
500
0246
Vcc (V)
T=125°C
T=25°C
T=-40°C
0
100
200
300
400
500
600
700
-250
-150
-50
50
150
250
Vsense (mV)
T=125°C
T=25°C
T=-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com