Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 3 Page - STMicroelectronics

  TSC102 Datasheet HTML 1Page - STMicroelectronics TSC102 Datasheet HTML 2Page - STMicroelectronics TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TSC102
Application schematic and pin description
Doc ID 16754 Rev 2
3/24
1
Application schematic and pin description
The TSC102 high-side current sense amplifier features a 2.8 to 30 V input common-mode
range that is independent of the supply voltage. The main advantage of this feature is that it
allows high-side current sensing at voltages much greater than the supply voltage (VCC).
Figure 1.
Application schematics
Table 1 describes the function of each pin. Their position is shown in the illustration on the
cover page and in Figure 1 above.
A1
Table 1.
Pin description
Symbol
Type
Function
Out
Analog output
Out voltage is proportional to the magnitude of the sense voltage
Vp-Vm.
Gnd
Power supply
Ground line.
VCC
Power supply
Positive power supply line.
Vp
Analog input
Connection for the external sense resistor. The measured current
enters the shunt on the Vp side.
Vm
Analog input
Connection for the external sense resistor. The measured current
exits the shunt on the Vm side.
A1
Analog input
Connection to current sensing amplifier output.
A2
Analog input
Connection to signal conditioning amplifier non-inverting input.
A3
Analog input
Connection to signal conditioning amplifier inverting input.
5 V
Vsense
1
8
5
Vp
Vm
Vcc
TSC102
2
Out
Gnd
3
7
4
A1
A2
A3
6
Rsense
Iload
Vout
Av=20 V/V
Current
sense
amplifier
Signal
conditioning
amplifier
AM04508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com