Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 5 Page - STMicroelectronics

  TSC102 Datasheet HTML 1Page - STMicroelectronics TSC102 Datasheet HTML 2Page - STMicroelectronics TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TSC102
Electrical characteristics
Doc ID 16754 Rev 2
5/24
3
Electrical characteristics
Unless otherwise specified, the electrical characteristics given in the following tables have
been measured under the following test conditions.
●
Tamb =25° C, VCC =5V, Vsense =Vp-Vm =50mV, Vm =12V.
●
No load on Out pin.
●
Signal conditioning amplifier used as a buffer (pin A3 connected to pin Out and pin A1
connected to pin A2).
Table 4.
Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0 V, pin A1 open, pin
A2 shorted to Gnd
Tmin < Tamb < Tmax
240
420
µA
ICC1
Total supply current
Vsense = 50 mV, pin A1
connected to pin A2
Tmin < Tamb < Tmax
420
700
µA
Table 5.
Current sensing amplifier input stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC
CMR1
DC common mode rejection
Variation of Va1 versus Vicm
referred to input(1)
2.8 V < Vm < 30 V
-40° C < Tamb < 150° C
90
100
dB
AC CMR1
AC common mode rejection
Variation of Va1 versus Vicm
referred to input (peak-to-peak
voltage variation)
2.8 V< Vm < 30 V
1kHz sine wave
75
dB
2.8 V < Vm < 30 V
10 kHz sine wave
60
dB
SVR1
Supply voltage rejection
Variation of Va1 versus VCC
(2)
3.5 V< VCC < 5.5 V
-40° C < Tamb < 125° C
85
90
dB
Vos
Input offset voltage(3)
Tamb =25° C
-40° C < Tamb < 125° C
±1.5
±2.3
mV
dVos/dT
Input offset drift versus T
-40° C < Tamb < 125° C
±3
±8
µV/°C
Ilk
Input leakage current
VCC =0V
Tmin < Tamb < Tmax
1µA
Iib
Input bias current
Vsense =0V
Tmin < Tamb < Tmax
57
µA
1.
See Chapter 6: Parameter definitions on page 12 for the definition of CMR.
2.
See Chapter 6 for the definition of SVR.
3.
See Chapter 6 for the definition of Vos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com