Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics TSC102 Datasheet HTML 14Page - STMicroelectronics TSC102 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TSC102
Electrical characteristics curves: signal conditioning amplifier
Doc ID 16754 Rev 2
11/24
5
Electrical characteristics curves: signal conditioning
amplifier
Unless otherwise specified, the test conditions for the following curves are:
●
Tamb =25° C, VCC =5V
●
no load on Out.
●
signal conditioning amplifier tested as standalone amplifier.
Figure 14.
Input offset voltage versus input
common-mode voltage
Figure 15.
Input offset voltage versus supply
voltage (Vicm = Vcc/2)
Figure 16.
Output current versus output
voltage
Figure 17.
Bode diagram (Vout = Vcc/2,
RL =10kΩ, Cload = 100 pF)
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
Vicm (V)
T=125°C
T=-40°C
T=25°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
Vcc (V)
T=125°C
T=-40°C
T=25°C
-50
-40
-30
-20
-10
0
10
20
30
40
50
Vout (V)
T=125°C
T=-40°C
T=25°C
sink
source
-30
0
30
60
90
120
150
180
210
-30
-20
-10
0
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com