Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet (PDF) - Microchip Technology

MIC4930 Datasheet PDF - Microchip Technology
Part # MIC4930
Download  MIC4930 Download
File Size   544.85 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Hyper Speed Control짰 3A Buck Regulator

MIC4930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4930 Datasheet PDF - Microchip Technology

Part # MIC4930
Download  MIC4930 Click to download

File Size   544.85 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Hyper Speed Control짰 3A Buck Regulator

MIC4930 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC4930

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300-0.9BR MICREL-MIC49300-0.9BR Datasheet
68Kb / 8P
3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300-0.9BR MICREL-MIC49300-0.9BR Datasheet
597Kb / 8P
3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300-0.9WR MICREL-MIC49300-0.9WR Datasheet
597Kb / 8P
3.0A Low Voltage LDO Regulator w/Dual Input Voltages
More results


Similar Description - MIC4930

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600_1107 MICREL-MIC26600_1107 Datasheet
1Mb / 28P
7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950_11 Datasheet
776Kb / 28P
12A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
MIC4950 MICREL-MIC4950 Datasheet
1Mb / 18P
Hyper Speed Control 5A Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com