Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 3Page - Microchip Technology MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 7
MIC4930
FIGURE 2-7:
Line Regulation vs. Input
Voltage.
FIGURE 2-8:
Line Regulation vs. Input
Voltage.
FIGURE 2-9:
Line Regulation vs. Input
Voltage.
.
FIGURE 2-10:
Quiescent Current vs. Input
Voltage.
.
FIGURE 2-11:
Output Voltage (VIN = 3.3V)
vs. Output Current.
FIGURE 2-12:
Output Voltage (VIN = 5V)
vs. Output Current.
-2.0
-1.0
0.0
1.0
2.0
3.0
4.50
4.75
5.00
5.25
5.50
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
-2.0
-1.0
0.0
1.0
2.0
3.0
2.7
3.0
3.3
3.6
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 1A
-2.0
-1.0
0.0
1.0
2.0
3.0
4.50
4.75
5.00
5.25
5.50
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 1A
0
1
2
3
4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VFB > 1.2 x VFB(NOM)
IOUT = 0A
1.77
1.78
1.79
1.80
1.81
1.82
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 3.3V
VOUT = 1.8V
2.46
2.47
2.48
2.49
2.50
2.51
2.52
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com