Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology MIC4930 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC4930
DS20005669A-page 8
 2016 Microchip Technology Inc.
FIGURE 2-13:
Feedback Voltage vs.
Temperature.
FIGURE 2-14:
Switching Frequency vs.
Temperature.
FIGURE 2-15:
Switching Frequency vs.
Output Current.
FIGURE 2-16:
Switching Frequency vs.
Output Current.
FIGURE 2-17:
Switching Frequency vs.
Output Current.
FIGURE 2-18:
VIN Soft Turn-On.
0.605
0.610
0.615
0.620
0.625
0.630
0.635
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VOUT = 1.8V
IOUT = 0A
1.20
1.60
2.00
2.40
2.80
3.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 5.0V
VOUT = 3.3V
1.20
1.60
2.00
2.40
2.80
3.20
3.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 5.0V
VOUT = 1.8V
VIN = 3.3V
VOUT = 1.8V
1.20
1.60
2.00
2.40
2.80
3.20
3.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 5.0V
VOUT = 1.2V
VIN = 3.3V
VOUT = 1.2V
Time (2ms/div)
V
IN
(1V/div)
V
OUT
(500mV/div)
PG
(2V/div)
V
IN = 3.0V
V
OUT = 1.2V
I
OUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com