Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology MIC4930 Datasheet HTML 12Page - Microchip Technology MIC4930 Datasheet HTML 13Page - Microchip Technology MIC4930 Datasheet HTML 14Page - Microchip Technology MIC4930 Datasheet HTML 15Page - Microchip Technology MIC4930 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC4930
DS20005669A-page 12
 2016 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
4.1
PVIN
The power input (PVIN) pin provides power to the
internal MOSFETs for the switch mode regulator
section of the MIC4930. The input supply operating
range is from 2.7V to 5.5V. A low-ESR ceramic
capacitor of at least 10 μF is required to bypass from
PVIN to (power) GND. See the Application Information
section for further details.
4.2
AVIN
The analog power input (AVIN) pin provides power to
the internal control and analog supply circuitry. Careful
layout
should
be
considered
to
ensure
that
high-frequency switching noise caused by PVIN is
reduced before reaching AVIN. Always place a 1 μF
minimum ceramic capacitor very close to the IC
between the AVIN and AGND pins. For additional
high-frequency switching noise attenuation, RC
filtering can be used (R = 10Ω).
4.3
EN
A logic high signal on the enable (EN) pin activates the
output of the switch. A logic low on EN deactivates the
output and reduces the supply current to a nominal
0.01 μA. Do not leave this pin floating.
4.4
SW
The switch (SW) pin connects directly to one side of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to
the load and output capacitor. Due to the high speed
switching on this pin, the switch node should be routed
away from sensitive nodes whenever possible to avoid
unwanted injection of noise.
4.5
PGND
The power ground (PGND) pin is the ground return
terminal for the high current in the switching node SW.
The current loop for the PGND should be as short as
possible and kept separate from the AGND net
whenever applicable.
4.6
PG
The power-is-good (PG) pin is an open-drain output
that indicates logic high when the output voltage is
typically above 88% of its steady-state voltage. A
pull-up resistor of 10 kΩ or greater should be
connected from PG to VOUT, or to another voltage
source less than or equal to the input voltage.
4.7
FB
To program the output voltage, an external resistive
divider network is connected to this pin from the output
voltage to AGND, as shown in the Typical Application
Circuit, and is compared to the internal 0.625V
reference within the regulation loop. The formula in
Equation 4-1 is used to program the output voltage.
EQUATION 4-1:
The feed-forward capacitor (CF in the Typical
Application Circuit) is typically in the range of 22 pF to
39 pF. The MIC4930 features an internal ripple
injection network, whose current is injected into the FB
node and integrated by CF. Thus, the waveform at FB
is approximately a triangular ripple. The size of CF
dictates the amount of ripple amplitude at the FB node.
Smaller values of CF yield higher FB ripple amplitudes
and better stability, but also somewhat degrade line
regulation and transient response.
TABLE 4-1:
RECOMMENDED FEEDBACK
RESISTOR VALUES
VOUT
R1
R2
1.0V
120k
180k
1.2V
274k
294k
1.5V
316k
226k
1.8V
301k
160k
2.5V
316k
105k
3.3V
309k
71.5k
V
OUT
V
REF
1
R1
R2
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com