Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology MIC4930 Datasheet HTML 12Page - Microchip Technology MIC4930 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 9
MIC4930
FIGURE 2-19:
Enable Turn-On (No Load).
FIGURE 2-20:
Enable Turn-On (1A Load).
FIGURE 2-21:
Enable Turn-Off (1A Load).
FIGURE 2-22:
1.4V Pre-Bias Start-Up (EN
Rising).
FIGURE 2-23:
Switching Waveforms
(IOUT = 0A).
FIGURE 2-24:
Switching Waveforms
(IOUT = 1A).
Time (2ms/div)
EN
(2V/div)
V
OUT
(500mV/div)
PG
(2V/div)
V
IN = 3.0V
V
OUT = 1.2V
I
OUT = 0A
Time (100μs/div)
EN
(2V/div)
V
OUT
(500mV/div)
PG
(2V/div)
V
IN = 3.0V
V
OUT = 1.2V
I
OUT = 1A
Time (100μs/div)
EN
(2V/div)
V
OUT
(500mV/div)
PG
(2V/div)
V
IN = 3.0V
V
OUT = 1.2V
I
OUT = 1A
Time (4ms/div)
EN
(2V/div)
V
OUT
(1V/div)
PG
(1V/div)
I
L
(500mA/div)
Time (200ns/div)
V
OUT RIPPLE
(10mV/div)
SW Node
(2V/div)
I
L
(200mA/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
I
OUT = 0A
Time (200ns/div)
V
OUT
(10mV/div)
SW Node
(2V/div)
I
L
(500mA/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
I
OUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com