Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4930 Datasheet HTML 1Page - Microchip Technology MIC4930 Datasheet HTML 2Page - Microchip Technology MIC4930 Datasheet HTML 3Page - Microchip Technology MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 1
MIC4930
Features
• Input Voltage: 2.7V to 5.5V
• 3A Output Current
• Up To 95% Efficiency
• Up To 3.3 MHz Operation
• Safe Start-Up into a Pre-Biased Output
• Power Good Output
• Ultra-Fast Transient Response
• Low Output Voltage Ripple
• Low RDS(ON) Integrated MOSFET Switches
• 0.01 μA Shutdown Current
• Thermal Shutdown and Current Limit Protection
• Output Voltage as low as 0.7V
• 3 mm × 4 mm DFN-10L
• –40°C to +125°C Junction Temperature Range
Applications
• DTVs
• Set-Top Boxes
• Printers
• DVD Players
• Distributed Power Supplies
General Description
The MIC4930 is a high-efficiency, 3A synchronous
buck regulator with ultra-fast transient response
perfectly suited for supplying processor core and I/O
voltages from a 5V or 3.3V bus. The MIC4930 provides
a switching frequency up to 3.3 MHz while achieving
peak efficiencies up to 95%. An additional benefit of
high-frequency operation is very low output ripple
voltage throughout the entire load range with the use of
a small output capacitor. The MIC4930 is designed for
use with a very small inductor, down to 1 μH, and an
output ceramic capacitor as small as 10 μF without the
need for external ripple injection. A wide range of
output capacitor types and values can also be
accommodated.
The MIC4930 supports safe start-up into a pre-biased
output.
The MIC4930 is available in a 10-pin 3 mm × 4 mm
DFN package with an operating junction temperature
range from –40°C to +125°C. The MIC4930 is
pin-to-pin compatible with the 5A-rated MIC4950YFL.
Package Type
MIC4930
3x4 DFN
Top View
AGND
FB
5
1
PGND
PGND
PVIN
AVIN
10 SW
EN
PVIN
PG
9
8
7
2
3
4
6
EP
Hyper Speed Control® 3A Buck Regulator


Similar Part No. - MIC4930

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300-0.9BR MICREL-MIC49300-0.9BR Datasheet
68Kb / 8P
3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300-0.9BR MICREL-MIC49300-0.9BR Datasheet
597Kb / 8P
3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300-0.9WR MICREL-MIC49300-0.9WR Datasheet
597Kb / 8P
3.0A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC4930

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600_1107 MICREL-MIC26600_1107 Datasheet
1Mb / 28P
7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950_11 Datasheet
776Kb / 28P
12A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
Hyper Speed Control 3A Buck Regulator
MIC4950 MICREL-MIC4950 Datasheet
1Mb / 18P
Hyper Speed Control 5A Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com