Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4930 Datasheet HTML 1Page - Microchip Technology MIC4930 Datasheet HTML 2Page - Microchip Technology MIC4930 Datasheet HTML 3Page - Microchip Technology MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC4930
DS20005669A-page 2
 2016 Microchip Technology Inc.
Typical Application Circuit
MIC4930
3x4 DFN-10L
MIC4930YFL
PVIN
EN
PGND
AGND
PG
SW
VIN
GND
GND
VOUT
OFF
ON
AVIN
FB
1μH
C
F
22pF
R1
301kΩ
R2
160kΩ
2.7V to 5.5V
10μF
10V
1.8V
C
OUT
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com