Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4930 Datasheet HTML 1Page - Microchip Technology MIC4930 Datasheet HTML 2Page - Microchip Technology MIC4930 Datasheet HTML 3Page - Microchip Technology MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 3
MIC4930
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
PVIN, AVIN Supply Voltage (VIN)................................................................................................................... –0.3V to +6V
SW Output Switch Voltage (VSW).................................................................................................................. –0.3V to VIN
EN, PG (VEN, VPG)........................................................................................................................................ –0.3V to VIN
FB Feedback Input Voltage (VFB) ................................................................................................................ –0.3V to VIN
ESD Protection On All Pins (Note 1) ...............................................................................................................±2 kV HBM
Operating Ratings ††
Supply Voltage (VIN) ................................................................................................................................. +2.7V to +5.5V
Enable Input Voltage (VEN) ............................................................................................................................... 0V to VIN
† Notice:
Exceeding the absolute maximum ratings may damage the device.
†† Notice:
The device is not guaranteed to function outside its operating ratings.
Note 1:
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Characteristics:
Unless otherwise indicated, VIN = VEN = 3.3V; L = 1.0 μH; TA = 25°C, CIN = 10 μH,
COUT = 10 μH.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage Range
VIN
2.7
—
5.5
V—
Undervoltage lockout
threshold
VUVLO
2.41
2.5
2.61
V
(turn-on)
Undervoltage lockout
hysteresis
VUVLOH
—
400
—
mV
—
Quiescent current
IQ
—
0.8
2
mA
IOUT = 0 mA, FB >1.2 ×
VFB(Nominal)
Shutdown current
ISD
—
0.01
2
μA
VEN = 0V
Feedback voltage
VFB
0.609
0.625
0.640
V
—
Current limit
ILIMIT
3.5
5.75
8
A
FB = 0.9V × VFB(Nominal)
Output voltage line
regulation
LINEREG
—
1
—
%/V
VIN = 2.7V to 3.5V, VOUTNOM
= 1.8V,
ILOAD = 20 mA
VIN = 4.5V to 5.5V if
VOUTNOM ≥2.5V,
ILOAD = 20 mA
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com