Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4930 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4930 Datasheet HTML 1Page - Microchip Technology MIC4930 Datasheet HTML 2Page - Microchip Technology MIC4930 Datasheet HTML 3Page - Microchip Technology MIC4930 Datasheet HTML 4Page - Microchip Technology MIC4930 Datasheet HTML 5Page - Microchip Technology MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC4930
DS20005669A-page 4
 2016 Microchip Technology Inc.
Output voltage load
regulation
LOADREG
—
0.3
—
%
20 mA < ILOAD < 500 mA,
VIN = 3.6V if VOUTNOM < 2.5V
20 mA < ILOAD < 500 mA,
VIN = 5.0V if
VOUTNOM ≥ 2.5V
—1
—
%
20 mA < ILOAD < 3A,
VIN = 3.6V
if VOUTNOM < 2.5V
20 mA < ILOAD < 3 mA,
VIN = 5.0V
if VOUTNOM ≥ 2.5V
PWM switch ON
resistance
RDSON-P
—30
—
mΩ
ISW = 1A P-Channel
MOSFET
RDSON-N
—25
—
ISW = 1A N-Channel
MOSFET
Maximum turn-on time
tON
—
665
—
ns
VIN = 4.5V, VFB = 0.5V
—
1000
—
VIN = 3.0V, VFB = 0.5V
—
1120
—
VIN = 2.7V, VFB = 0.5V
Minimum turn-off time
tOFF
—
176
—
ns
VIN = 3.0V, VFB = 0.5V
Soft-start time
tSOFT-ON
—
500
—
μsVOUT = 90% of VOUTNOM
Enable threshold
VEN
0.5
0.8
1.2
V
Turn-on
Enable input current
IEN
0.1
1
μA—
Power Good threshold
VOUTPG
82
88
94
%
Rising
Power Good hysteresis
VOUTPGH
—7
—
%
—
Overtemperature
shutdown
TSD
150
°C
—
Overtemperature
shutdown hysteresis
TSDH
20
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)(Note 1)
Electrical Characteristics:
Unless otherwise indicated, VIN = VEN = 3.3V; L = 1.0 μH; TA = 25°C, CIN = 10 μH,
COUT = 10 μH.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com