Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet (PDF) - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
File Size   4133.38 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet (PDF) - Freescale Semiconductor, Inc



Similar Part No. - 33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
More results


Similar Description - 33981

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
High-Side Switch
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
Single High Side Switch
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
Single Low Side Switch
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com