Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33981
DYNAMIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONTROL INTERFACE AND POWER OUTPUT TIMING (CBOOT, VPWR)
Charge Blanking Time (CBOOT)(12)
tON
10
25
50
μs
Output Rising Slew Rate
VPWR = 13 V, from 10% to 90% of VOUT, SR Capacitor = 4.7 nF,
RL= 5.0 Ω
SRR
8.0
16
35
V/
μs
Output Falling Slew Rate
VPWR = 13 V, from 90% to 10% of VOUT, SR Capacitor = 4.7 nF,
RL= 5.0 Ω
SRF
8.0
16
35
V/
μs
Output Turn-ON Delay Time(13)
VPWR = 13 V, SR Capacitor = 4.7 nF
tDLYON
200
400
700
ns
Output Turn-OFF Delay Time(14)
VPWR = 13 V, SR Capacitor = 4.7 nF
tDLYOFF
500
1000
1500
ns
Input Switching Frequency(11)
fPWM
–
20
60
kHz
Output PWM ratio @ 60 kHz(15)
RPWM
5.0
95
%
Time to Reset Fault Diagnosis
(overload on high side or external low side)
tRSTDIAG
100
200
400
μs
Output Over-current Detection Time
tOCH
1.0
10
20
μs
Notes
11.
The MC33981 can work down (~100Hz). The fault management reset can not be guaranteed with PWM frequency lower than 5.0 kHz
(INHS=0 during 200
μs typ)
12.
Values for CBOOT=100 nF. Refer to the paragraph entitled Sleep Mode on page 13. Parameter is guaranteed by design and not
production tested.
13.
Turn-ON delay time measured from rising edge of INHS that turns the output ON to VOUT = 0.5 V with RL= 5.0 Ω resistive load.
14.
Turn-OFF delay time measured from falling edge of INHS that turns the output OFF to VOUT = VPWR -0.5 V with RL= 5.0 Ω resistive load.
15.
The ratio is measured at VOUT = 50% VPWR without SR capacitor. The device is capable of 100% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com