Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33981
TYPICAL APPLICATIONS
POWER DISSIPATION
cycle of 95%. This value is far from the 150ºC maximum
guaranteed junction.
Figure 43. Junction Temperature vs. Duty Cycle
CONCLUSION
Knowing the application conditions, this document
explained how to calculate power dissipation during on-state
and switching phases and the junction temperature for the
33981 when controlling a DC motor. A concrete example with
a 200 W DC motor was given in section DC Motor 200 W.
The same principle can be used for other DC motor and other
environmental conditions.
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
0
10
20
30
40
50
60
70
80
90
100
Dutycycle (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com