Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33981 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33981
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. Pin Connections
Table 1. PIN DEFINITIONS
Descriptions of the pins listed in the table below can be found in the Functional Description section located on page 12.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Reports
Output Current Monitoring
This pin is used to generate a ground-referenced voltage for the
microcontroller (MCU) to monitor output current.
2
TEMP
Reports
Temperature Feedback
This pin is used by the MCU to monitor board temperature.
3
EN
Input
Enable
(Active High)
This pin is used to place the device in a low-current Sleep Mode.
4
INHS
Input
Serial Input High Side
This input pin is used to control the output of the device.
5
FS
Reports
Fault Status
(Active Low)
This pin monitors fault conditions and is active LOW.
6
INLS
Input
Serial Input Low Side
This pin is used to control an external low side N-channel MOSFET.
7
CONF
Input
Configuration Input
This input manages MOSFET N-channel cross-conduction.
8
OCLS
Input
Low Side Overload
This pin sets the VDS protection level of the external low side MOSFET.
9
DLS
Input
Drain Low Side
This pin is the drain of the external low side N-channel MOSFET.
10
GLS
Output
Low Side Gate
This output pin drives the gate of the external low side N-channel
MOSFET.
11
SR
Input
Slew Rate Control
This pin controls the output slew rate.
12
CBOOT
Input
Bootstrap Capacitor
This pin provides the high pulse current to drive the device.
13
GND
Ground
Ground
This is the ground pin of the device.
14
VPWR
Input
Positive Power Supply
This pin is the source input of operational power for the device.
15, 16
OUT
Output
Output
These pins provide a protected high side power output to the load
connected to the device.
16
15
14
13
Package Transparent Top View
OUT
OUT
GND
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com