Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33981 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MC33981
Rev. 8.0, 6/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007 - 2008. All rights reserved.
Single High Side Switch (4.0 m
Ω),
PWM clock up to 60 kHz
The 33981 is a high frequency, self-protected 4.0 m
Ω RDS(ON) high
side switch used to replace electromechanical relays, fuses, and
discrete devices in power management applications.
The 33981 can be controlled by Pulse-width Modulation (PWM) with
a frequency up to 60 kHz. It is designed for harsh environments, and it
includes self-recovery features. The 33981 is suitable for loads with high
inrush current, as well as motors and all types of resistive and inductive
loads.
The 33981 is packaged in a 12 x 12 non-leaded power-enhanced
Power QFN package with exposed tabs.
Features
• Single 4.0 m
Ω RDS(ON) maximum high side switch
• PWm capability up to 60 kHz with duty cycle from 5% to 100%
• Very low standby current
• Slew rate control with external capacitor
• Over-current and over-temperature protection, under-voltage
shutdown and fault reporting
• Reverse battery protection
• Gate drive signal for external low side N-channel MOSFET with
protection features
• Output current monitoring
• Temperature feedback
• Pb-free packaging designated by suffix code PNA
Figure 1. 33981 Simplified Application Diagram
HIGH SIDE SWITCH
33981
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33981BPNA/R2
-40°C to 125°C
16 PQFN
Bottom View
PNA (Pb-Free Suffix)
98ARL10521D
16-PIN PQFN (12 X 12)
VDD
I/O
I/O
I/O
I/O
A/D
A/D
MCU
CONF
FS
INLS
EN
INHS
TEMP
CSNS
OCLS SR GND
VPWR
CBOOT
OUT
DLS
GLS
VDD
M
VPWR
33981


Similar Part No. - 33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
More results

Similar Description - 33981

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
High-Side Switch
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
Single High Side Switch
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
Single high-side switch
04-Nov-2015
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
Single Low Side Switch
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com