Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33981
TYPICAL APPLICATIONS
POWER DISSIPATION
Figure 36. Positive and Negative Slew Rate
vs. SR Capacitor
Figure 37. OUT switching vs. SR Capacitor
JUNCTION TEMPERATURE
The junction temperature of the 33981 can be calculated
knowing the power dissipation and the thermal
characteristics of the PC board with this formula:
TJ = TA + (Pon_state + Pswitching). RTHJA
where TJ is the junction temperature, TA the ambient
temperature, and RTHJA the thermal impedance junction to
ambient.
RECIRCULATION PHASE
In standard configuration, the motor current recirculation is
handled by an external freewheeling diode. With the 33981,
the freewheeling diode can be replaced by an external low-
side discrete MOSFET.
The power dissipation during the recirculation phase is
calculated as follows for the diode and the low-side MOSFET
respectively:
Pdiode = (1-a) . VF . IOUT
where ‘a’ is the duty cycle
Pmosfet_ls = (1-a) . RDS(ON)_ls . IOUT2
where RDS(ON)_ls is the on resistance of the low side.
APPLICATIONS EXAMPLES
EXCEL TOOL
An excel tool has been created with all the above formulas
to calculate the dissipated power and the junction
temperature knowing the application conditions. An example
of the interface is given in Figure 38. The parameters to enter
concern the load, the high-side device, the recirculation, and
the board. They are VPWR, DC current in the load (Imax for
100% of duty cycle), PWM frequency, 33981 RDS(ON) at
150ºC, SR capacitor, low-side RDS(ON) at 150ºC, ambient
temperature, and thermal impedance.
Figure 38. Excel Tool
The calculations are done with the maximum RDS(ON) for
the 33981 and the low side. The current is also considered
constant in the load. The model taken for the VF of the diode
is (0.4 + 0.01 . IOUT) Volts.
The listed conditions in Figure 38 are the ones chosen for
the entire document.
0
20
40
60
80
100
120
4.56
914
27
Vbat
0
1
2.2
3.3
4.7
6.8
0
10
20
30
40
50
60
70
80
90
4.5
6
9
14
27
Vbat
0
1
2.2
3.3
4.7
6.8
Vpw r
12 V
Imax
20 A
Frequency
20 KH z
R DSON
@150°C
6.8 mO hm
SR
C apaci
tor
0 nF
R DSON
@150°C
20 mO hm
Rthja
15°C /W
T am biant
85°C
INPUTS
Low Si
de Characteristics
High Side
Device (HS)
Load
R ecirculati
on
Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com