Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33981 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33981
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR)
Battery Supply Voltage Range
Fully Operational
Extended(7)
VPWR
6.0
4.5
–
–
27.0
27.0
V
VPWR Supply Current
INHS = 1 and OUT Open
INLS = 0
IPWR(ON)
–
10.0
12.0
mA
VPWR Supply Current
INHS = INLS = 0, EN = 5.0 V, OUT Connected to GND
IPWR(SBY)
–
10.0
12.0
mA
Sleep-state Supply Current
(VPWR < 14 V, EN = 0 V, OUT Connected to GND)
TA = 25°C
TA = 125°C
IPWR(SLEEP)
–
–
–
–
5.0
50.0
μA
Under-voltage Shutdown
VPWR(UV)
2.0
4.0
4.5
V
Under-voltage Hysteresis
VPWR(UVHYS)
0.05
0.15
0.3
V
POWER OUTPUT (IOUT, VPWR)
Output Drain-to-Source ON Resistance
(IOUT = 20 A, TA = 25°C)
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13.0 V
RDS(ON)25
–
–
–
–
–
–
6.0
5.0
4.0
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 20 A, TA = 150°C)
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13.0 V
RDS(ON)150
–
–
–
–
–
–
10.2
8.5
6.8
m
Ω
Output Source-to-Drain ON Resistance
(IOUT = -20 A, TA = 25°C)(8)
VPWR = - 12 V
RSD(ON)
–
–
8.0
m
Ω
Output Overcurrent Detection Level
9.0 V < VPWR < 16 V
IOCH
75
100
125
A
Current Sense Ratio
9.0 V < VPWR < 16 V, CSNS < 4.5 V
CSR
–
1/20000
–
–
Current Sense Ratio (CSR) Accuracy
9.0 V < VPWR < 16 V, CSNS < 4.5 V
Output Current
5.0 A
15 A, 20 A and 30 A
CSR_ACC
-20
-15
–
–
20
15
%
Current Sense Voltage Clamp
ICSNS = 15 mA
VCL(CSNS)
4.5
6.0
7.0
V
Notes
7.
OUT can be commanded fully on, PWM is available at room. Low Side Gate driver is available. Protections and Diagnosis are not
available. Min/max parameters are not guaranteed.
8.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com