Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33981
REVISION HISTORY
REVISION HISTORY
Revision
Date
Description of Changes
3.0
1/2006
• Implemented Revision History page
• Made content updates and changes
• Converted to Freescale format
• Added Thermal Addendum
4.0
3/2006
• Made minor content changes to pages 6 and 7.
• Updated to Product Preview status
5.0
5/2006
• Changed Part Number from PC33981PNA to MC33981BPNA (page 1)
• Changed Electrical Characteristics, Maximum Ratings, Table 2, Maximum Ratings, Electrical
Ratings, OCLS Voltage, from “-5.0 to 5.0” to “-5.0 to 7.0” (page 4).
• Changed Electrical Characteristics, Static Electrical Characteristics, Table 3, Static Electrical
Characteristics, Low Side Gate Driver (VPWR, VGLS, VOCLS), Low-Side Overload Detection
Level versus Low-Side Drain Voltage Minimum, from “-75” to “-50” and Maximum from “+75” to
“+50” (page 6).
• Changed Electrical Characteristics, Dynamic Electrical Characteristics, Table 4, Dynamic Electrical
Characteristics, Control Interface and Power Output Timing (CBOOT, VPWR), Input Switching
Frequency, Minimum from “20” to “-” and Typical from “-” to “20” (page 7).
• Updated to Advanced status
6.0
5/2007
• Changed CSNS Input Clamp Current in MAXIMUM RATINGS
• Changed Figure 11, Reverse Battery Protection
• Removed unnecessary line in Figure 14, Overload on Low Side Gate Drive, Case 2
• Corrected label in Figure 28, 33981 with Filter
7.0
10/2008
• Updated Freescale form and style
• Minor text corrections.
• Added Current Sense Leakage(9)
8.0
6/2009
• Corrected Reference to Figure 15 on Page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com