Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33981 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33981
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (VPWR) (continued)
Current Sense Leakage(9)
INHS = 1 with OUT opened of load or INHS = 0
ILEAK(CSNS)
0
13
17
μA
Over-temperature Shutdown
TSD
160
175
190
°C
Over-temperature Shutdown Hysteresis(10)
TSDHYS
5.0
–
20
°C
LOW SIDE GATE DRIVER (VPWR, VGLS, VOCLS)
Low Side Gate Voltage
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
VPWR = 27 V
VGLS
5.0
8.0
12.0
12.0
5.4
8.4
12.4
12.4
6.0
9.0
13.0
13.0
V
Low Side Gate Sinked Current
VGLS = 2.0 V, VPWR = 13 V
IGLSNEG
–
100
–
mA
Low Side Gate Sourced Current
VGLS = 2.0 V, VPWR = 13 V
IGLSPOS
–
100
–
mA
Low Side Overload Detection Level versus Low Side Drain Voltage
VOCLS - VDLS, (VOCLS ≤ 4.0 V)
VDS_LS
-50
–
+50
mV
CONTROL INTERFACE (CONF, INHS, INLS, EN, OCLS)
Input Logic High-voltage (CONF, INHS, INLS)
VIH
3.3
–
–
V
Input Logic Low-voltage (CONF, INHS, INLS)
VIL
–
–
1.0
V
Input Logic Voltage Hysteresis (CONF, INHS, INLS)
VINHYS
100
600
1200
mV
Input Logic Active Pull-down Current (INHS, INLS)
IDWN
5.0
10
20
μA
Enable Pull-down Resistor (EN)
RDWN
100
200
400
k
Ω
Enable Voltage Threshold (EN)
VEN
2.5
V
Input Clamp Voltage (EN)
IEN < 2.5 mA
VCLEN
7.0
–
14
V
Input Forward Voltage (EN)
VF(EN)
-2.0
–
-0.3
V
Input Active Pull-up Current (OCLS)
IOCLSp
50
100
200
μA
Input Active Pull-up Current (CONF)
ICONF
5.0
10
20
μA
FS Tri-state Capacitance(10)
CFS
–
–
20
pF
FS Low-state Output Voltage
IFS = -1.6 mA
VFSL
–
0.2
0.4
V
Temperature Feedback
TA = 25°C for VPWR = 14 V
VTFEED
3.35
3.45
3.55
V
Temperature Feedback Derating(10)
DTFEED
-8.5
-8.9
-9.3
mV/°C
Notes
9.
This parameter is achieved by the design characterization by measuring a statistically relevant sample size across process variations
but not tested in production.
10.
Parameter is guaranteed by process monitoring but is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com