Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet (PDF) - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
File Size   360.09 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet (PDF) - Analog Microelectronics



Similar Part No. - AME5259A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results


Similar Description - AME5259A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com