Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 3 Page - Analog Microelectronics

  AME5259A Datasheet HTML 1Page - Analog Microelectronics AME5259A Datasheet HTML 2Page - Analog Microelectronics AME5259A Datasheet HTML 3Page - Analog Microelectronics AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AME
3
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A-AVYxxx
1. NC
2. EN
3. IN
4. SW
5. GND
6. FB/OUT
* Die Attach:
Conductive Epoxy
DFN-6D
(2mmx2mmx0.75mm)
Top View
n
Pin Configuration
Note:
Connect exposed pad (heat sink on the back) to GND.
QFN-16C
(3mmx3mmx0.75mm)
Top View
AME5259A-AWExxx
1. GND
2. GND
3. GND
4. FB/OUT
5. GND
6. NC
7. EN
8. NC
* Die Attach:
Conductive Epoxy
9. IN
10. IN
11. IN
12. IN
13. SW
14. SW
15. SW
16. NC
6
5
4
1
2
3
AME5259 A
AME5259 A
1
2
3
4
9
10
11
12
SOT-25
Top View
1
3
2
5
4
AME5259 A
AME5259A-AEVADJ
1. EN
2. GND
3. SW
4. IN
5. FB/OUT
* Die Attach:
Conductive Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com