Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics AME5259A Datasheet HTML 14Page - Analog Microelectronics AME5259A Datasheet HTML 15Page - Analog Microelectronics AME5259A Datasheet HTML 16Page - Analog Microelectronics AME5259A Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AME
13
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
n
Application Information
Supplier
Inductance
(µ
µµµH)
Current Rating
(mA)
DCR
(mΩ
Ω
Ω
Ω)
Dimensions
(mm)
Series
TAIYO YUDEN
2.2
1480
60
3.00 x 3.00 x 1.50
NR3015
GOTREND
2.2
1500
58
3.85 x 3.85 x 1.80
GTSD32
Sumida
2.2
1500
75
4.50 x 3.20 x 1.55
CDRH2D14
Table 1. Recommended Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com