Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5259A Datasheet HTML 1Page - Analog Microelectronics AME5259A Datasheet HTML 2Page - Analog Microelectronics AME5259A Datasheet HTML 3Page - Analog Microelectronics AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AME
4
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A
Rev.A.02
n
Pin Description
DFN-6D
QFN-16C
SOT-25
1
6, 8, 16
N/A
NC
No connection. Not internally connected. Can left
floating or connected to GND.
2
7
1
EN
Enable Control Input, active high.
3
9, 10, 11, 12
4
IN
Input Supply Voltage Pin.
Bypass this pin with a capacitor as close to the
device as possible.
4
13, 14, 15
3
SW
Switch Node Connection to Inductor.
5
1, 2, 3, 5
2
GND
Ground. Tie directly to ground plane.
6
4
5
FB/OUT
Output voltage Feedback input.
Pin Name
Pin Description
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com