Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics AME5259A Datasheet HTML 14Page - Analog Microelectronics AME5259A Datasheet HTML 15Page - Analog Microelectronics AME5259A Datasheet HTML 16Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AME
12
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A
Rev.A.02
PC Board Layout Checklist
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the
AME5259A. These items are also illustrated graphically in Figures 10 and Figures 11 . Check the following in your
layout:
1. The power traces, consisting of the GND trace, the SW trace and the V
IN trace should be kept short, direct and wide.
2. Does the V
FB pin connect directly to the feedback resistors? The resistive divider R2/R1 must be connected between
the (+) plate of C
OUT and ground.
3. Does the (+) plate of CIN connect to V
IN as closely as possible? This capacitor provides the AC current to the internal
power MOSFETs.
4. Keep the switching node, SW, away from the sensitive V
FB node.
5. Keep the (-) plates of C
IN and COUT as close as possible.
Figure 10. AME5259A Adjustable Voltage
Regulator Layout Diagram
Figure 11. AME5259A Fixed Voltage
Regulator Layout Diagram
COUT
IN
AME5259A
VIN
CIN
FB
GND
EN
NC
SW
VOUT
L1
C1
R1
R2
COUT
IN
AME5259A
VIN
CIN
OUT
GND
EN
NC
SW
VOUT
L1
2
3
6
5
4
EN
VIN
FB
GND
SW
CIN must be placed
between VDD and
GND as closer as
possible
CIN
L1
COUT
SW should be connected
to Inductor by wide and
short trace, keep
sensitive components
away from this trace
AME5259A
NC
1
R1
R2
Output capacitor
must be near
AME5259A
C1
Output capacitor
must be near
AME5259 A
2
3
6
5
4
EN
VIN
VOUT
GND
SW
CIN must be placed
between VDD and
GND as closer as
possible
CIN
L1
COUT
SW should be connected
to Inductor by wide and
short trace, keep
sensitive components
away from this trace
AME5259A
NC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com