Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 3Page - Analog Microelectronics AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AME
7
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
n
Thermal Information
* Measure
θ
JC on backside center of Exposed Pad.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol Maximum
Unit
Thermal Resistance*
(Junction to Case)
θJC
85
Thermal Resistance
(Junction to Ambient)
θJA
160
Internal Power Dissipation
PD
625
mW
Thermal Resistance*
(Junction to Case)
θJC
67
Thermal Resistance
(Junction to Ambient)
θJA
149
Internal Power Dissipation
PD
670
mW
Thermal Resistance*
(Junction to Case)
θJC
81
Thermal Resistance
(Junction to Ambient)
θJA
260
Internal Power Dissipation
PD
400
mW
350
oC
oC / W
Solder Iron (10Sec)**
DFN-6D
Conductive Epoxy
QFN-16C
Conductive Epoxy
oC / W
SOT-25
Conductive Epoxy
oC / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com