Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics AME5259A Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AME
10
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A
Rev.A.02
n
Detailed Description
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, V
IN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at V
IN large enough to damage the
part.
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation :
Where VREF equals to 0.6V typical. The resistive di-
vider allows the FB pin to sense a fraction of the output
voltage as shown in Figure 4.
)
1
(
R2
R1
VREF
VOUT
++++
====
⋅⋅⋅⋅
Thermal Considerations
In most applications the AME5259A does not dissipate
much heat due to its high efficiency. But, in applications
where the AME5259A is running at high ambient tem-
perature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part. If the junc-
tion temperature reaches approximately 160OC, both
power switches will be turned off and the SW node will
become high impedance. To avoid the AME5259A from
exceeding the maximum junction temperature, the user
will need to do some thermal analysis. The goal of the
thermal analysis is to determine whether the power dissi-
pated exceeds the maximum junction temperature of the
part. The temperature rise is given by:
Where PD is the power dissipated by the regulator and
θ
JA is the thermal resistance from the junction of the die
to the ambient temperature.
)
)(
(
JA
R
PD
T
θ
=
Figure 4. Setting the AME5259A Output Voltage
R1
R2
AME5259 A
FB
GND
0.6V VOUT 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com