Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AME
9
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
n
Detailed Description
Main Control Loop
AME5259A uses a constant frequency, current mode
step-down architecture. Both the main (P-channel
MOSFET) and synchronous (N-channel MOSFET)
switches are intermal. During normal operation, the in-
ternal top power MOSFET is turned on each cycle when
the oscillator sets the RS latch, and turned off when the
current comparator resets the RS latch. While the top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse as indicated
by the current reversal comparator IRCMP.
Pulse Skipping Mode Operation
At light loads, the inductor current may reach zero or
reverse on each pulse. The bottom MOSFET is turned
off by the current reversal comparator, IRCMP, and the
switch voltage will ring. This is discontinuous mode op-
eration, and is normal behavior for the switching regula-
tor.
Short-Circuit Protection
When the output is shorted to ground, the frequency of
the oscillator is reduced to about 180KHz. This frequency
foldback ensures that the inductor current hsa more time
do decay, thereby preventing runaway. The oscillator’ s
frequency will progressively increase to 1.5MHz when V
FB
or V
OUT rises above 0V.
Dropout Operation
As the input supply voltage decreases to a value ap-
proaching the output voltage, the duty cycle increases
toward the maximum on-time. Further reduction of the
supply voltage forces the main switch to remain on for
more than one cycle until it reaches 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the P-channel
MOSFET and the inductor.
The basic AME5259A application circuit is shown in
Typical Application Circuit. External component selec-
tion is determined by the maximum load current and be-
gins with the selection of the inductor value and followed
by C
IN and COUT.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current DI
L increases with higher VIN and decreases
with higher inductance.
A reasonable starting point for setting ripple current is
∆I
L=0.4(lmax).
The DC current rating of the inductor
should be at least equal to the maximum load current
plus half the ripple current to prevent core saturation. For
better efficiency, choose a low DC-resistance inductor.
C
IN and COUT Selection
The input capacitance, C
IN is needed to filter the trap-
ezoidal current at the source of the top MOSFET. To
prevent large voltage transients, a low ESR input
capacitorsized for the maximum RMS current must be
used. The maximum RMS capacitor current is given by:
This formula has a maximum at V
IN=2VOUT, where
I
RMS=IOUT/2.
This simple worst-case condition is com-
monly used for design because even significant devia-
tions do not offer much relief. Note that the capacitor
manufacturer ripple current ratings are often based on 2000
hours of life. This makes it advisable to further derate the
capacitor, or choose a capacitor rated at a higher tem-
perature than required.
The selection of C
OUT is determined by the effective series
resistance(ESR) that is required to minimize voltage ripple
and load step transients. The output ripple, V
OUT, is de-
termined by:
n
Application Information
)
1
(
1
IN
OUT
OUT
L
V
V
V
L
f
I
−
×
×
=
∆
1
)
(
−
×
×
=
OUT
IN
IN
OUT
MAX
OUT
RMS
V
V
V
V
I
I
+
∆
≅
∆
OUT
L
OUT
fC
ESR
I
V
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com