Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 5 Page - Analog Microelectronics

  AME5259A Datasheet HTML 1Page - Analog Microelectronics AME5259A Datasheet HTML 2Page - Analog Microelectronics AME5259A Datasheet HTML 3Page - Analog Microelectronics AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AME
5
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
n
Ordering Information
Number of Pins
Package Type
Pin Configuration & Special Feature
AME5259A - x x x xxx
Output Voltage
A
1. NC
E: SOT-2X
E: 16
100: 1.0V
(DFN-6D)
2. EN
V: DFN
V: 5
120: 1.2V
3. IN
W: QFN
Y: 6
150: 1.5V
4. SW
160: 1.6V
5. GND
180: 1.8V
6. FB/OUT
250: 2.5V
330: 3.3V
A
1. GND
ADJ: Adjustable
(QFN-16C)
2. GND
3. GND
4. FB/OUT
5. GND
6. NC
7. EN
8. NC
9. IN
10. IN
11. IN
12. IN
13. SW
14. SW
15. SW
16. NC
A
1. EN
(SOT-25)
2. GND
3. SW
4. IN
5. FB/OUT
Pin Configuration &
Special Feature
Package Type
Number of Pins
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com