Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 1 Page - Analog Microelectronics

  AME5259A Datasheet HTML 1Page - Analog Microelectronics AME5259A Datasheet HTML 2Page - Analog Microelectronics AME5259A Datasheet HTML 3Page - Analog Microelectronics AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AME
1
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
The AME5259A is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Capable of delivering 1.2Aoutput cur-
rent over a wide input voltage range from 2.5V to 5.5V.
Supply current with no load is 400
µAand drops to<1µA
in shutdown. The 2.5V to 5.5V input Voltage range makes
the AME5259A ideally suited for single Li-Ion battery-
powered applications. 100% duty cycle provides low
dropout operation, extending battery life in portable sys-
tems. PWM pulse skipping mode operation provides
very low output ripple voltage for noise sensitive applica-
tions. At very light load, the AME5259A will automati-
cally skip pulses in pulse skip mode operation to main-
tain output regulation.
The internal synchronous switch increases efficiency
and eliminates the need for an external Schottky diode.
Low output voltages are easily supported with the 0.6V
feedback reference voltage. The AME5259Ais available
in small DFN-6D, QFN-16C and SOT-25 packages.
Other features include soft start, lower internal refer-
ence voltage with 2% accuracy, over temperature protec-
tion, and over current protection.
n
General Description
n
Features
n
Applications
n
Typical Application
l
Cellular Telephones
l
Personal Information Applicances
l
Wireless and DSL Modems
l
MP3 Players
l
Portable Instruments
l
High Efficiency: Up to 95%
l
Shutdown Mode Draws < 1
µA Supply Current
l
2.5V to 5.5V Input Range
l
Adjustable Output From 0.6V to V
IN
l
1.0V, 1.2V. 1.5V, 1.6V, 1.8V, 2.5V and 3.3V
Fixed/Adjustable Output Voltage
l
1.2A Output Current
l
Low dropout Operation: 100% Duty Cycle
l
No Schottky Diode Required
l
1.5MHz Constant Frequency PWM Operation
l
Green Product Meet RoHS Standard
2.2
µH
COUT
10
µF
CER
VIN
VOUT
Figure 1. Fixed Output Voltage
High Efficiency Step -Down Conventer
AME5259 A
IN
SW
OUT
EN
GND
2.2
µH
CIN
4.7
µF
CER
COUT
10
µF
CER
VIN
1.8V
VOUT=VFB (R1+R2)/R2
R1
150K
VIN = 2.5V to 5.5V
VOUT
AME5259 A
IN
SW
FB
EN
GND
R2
75K
Figure 2. Adjustable Output Voltage
1.8V at 1000mA Step-Down Requlator
CFWD: 22pF~220pF
CIN
4.7
µF
CER
CFWD


Similar Part No. - AME5259A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results

Similar Description - AME5259A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com