Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5259A Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics AME5259A Datasheet HTML 14Page - Analog Microelectronics AME5259A Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AME
11
AME5259A
Rev.A.02
1.2A, 1.5MHz Synchronous
Step-Down Converter
SW
FB
GND
IN
EN
150 K
150 K
VOUT
1.2V
AME5259A
2.2
µH
CIN
4.7
µF
CER
VIN
2.5V to 5.5V
CFWD
Figure 5. 1.2V Step-Down Regulator
CFWD: 22pF~220 pF
COUT
10
µF
CER
SW
FB
GND
IN
EN
150 K
100 K
VOUT
1.5V
AME5259A
2.2
µH
CIN
4.7
µF
CER
VIN
3.5V to 5.5V
Figure 6. 1.5V Step-Down Regulator
CFWD: 22pF~220 pF
COUT
10
µF
CER
CFWD
SW
FB
GND
IN
EN
150 K
90K
VOUT
1.6V
AME5259A
2.2
µH
CIN
4.7
µF
CER
VIN
2.5V to 5.5V
Figure 7. 1.6V Step-Down Regulator
CFWD: 22pF~220 pF
COUT
10
µF
CER
CFWD
SW
FB
GND
IN
EN
150 K
47.3K
VOUT
2.5V
AME5259A
2.2
µH
CIN
4.7
µF
CER
VIN
2.7V to 5.5V
Figure 8. 2.5V Step-Down Regulator
CFWD: 22pF~220 pF
COUT
10
µF
CER
CFWD
SW
FB
GND
IN
EN
150 K
33.3K
VOUT
3.3V
AME5259A
2.2
µH
CIN
4.7
µF
CER
VIN
3.3V to 5.5V
Figure 9. 3.3V Step-Down Regulator
CFWD: 22pF~220 pF
COUT
10
µF
CER
CFWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com