Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 30Page - NXP Semiconductors PCF2113EU Datasheet HTML 31Page - NXP Semiconductors PCF2113EU Datasheet HTML 32Page - NXP Semiconductors PCF2113EU Datasheet HTML 33Page - NXP Semiconductors PCF2113EU Datasheet HTML 34Page - NXP Semiconductors PCF2113EU Datasheet HTML 35Page - NXP Semiconductors PCF2113EU Datasheet HTML 36Page - NXP Semiconductors PCF2113EU Datasheet HTML 37Page - NXP Semiconductors PCF2113EU Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
2001 Dec 19
34
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
A master receiver must signal an end of data to the
transmitter by not generating an acknowledge bit on the
last byte that has been clocked out of the slave. In this
event the transmitter must leave the data line HIGH to
enable the master to generate a STOP condition.
10.2.1
I2C-BUS PROTOCOL
Before any data is transmitted on the I2C-bus, the device
which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the
START procedure. The I2C-bus configuration for the
different PCF2113x read and write cycles is shown in
Figs 24 to 26. The slow down feature of the I2C-bus
protocol (receiver holds SCL LOW during internal
operations) is not used in the PCF2113x.
10.2.2
DEFINITIONS
• Transmitter: the device which sends the data to the bus
• Receiver: the device which receives the data from the
bus
• Master: the device which initiates a transfer generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock
signals of two or more devices.
MGA807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER
Fig.20 System configuration.
handbook, full pagewidth
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.21 Bit transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com