Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 6Page - NXP Semiconductors PCF2113EU Datasheet HTML 7Page - NXP Semiconductors PCF2113EU Datasheet HTML 8Page - NXP Semiconductors PCF2113EU Datasheet HTML 9Page - NXP Semiconductors PCF2113EU Datasheet HTML 10Page - NXP Semiconductors PCF2113EU Datasheet HTML 11Page - NXP Semiconductors PCF2113EU Datasheet HTML 12Page - NXP Semiconductors PCF2113EU Datasheet HTML 13Page - NXP Semiconductors PCF2113EU Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
2001 Dec 19
10
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
7.3
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC pin must be connected to VDD1.
7.4
External clock
If an external clock is to be used this input is at the OSC
pin. The resulting display frame frequency is given by:
Only in the Power-down mode is the clock allowed to be
stopped (OSC connected to VSS), otherwise the LCD is
frozen in a DC state.
7.5
Power-on reset
The on-chip Power-on reset block initializes the chip after
power-on or power failure. This is a synchronous reset and
requires 3 oscillator cycles to be executed.
7.6
Power-down mode
The chip can be put into Power-down mode by applying an
external active HIGH level to the PD pin. In Power-down
mode all static currents are switched off (no internal
oscillator, no bias level generation and all LCD outputs are
internally connected to VSS).
During power-down, information in the RAMs and the chip
state are preserved. Instruction execution during
power-down is possible when pin OSC is externally
clocked.
7.7
Registers
The PCF2113x has two 8-bit registers, an Instruction
Register (IR) and a Data Register (DR). The Register
Select (RS) signal determines which register will be
accessed. The instruction register stores instruction codes
such as ‘display clear’, ‘cursor shift’, and address
information for the Display Data RAM (DDRAM) and
Character Generator RAM (CGRAM).The instruction
register can be written to but not read from by the system
controller.
The data register temporarily stores data to be read from
the DDRAM and CGRAM. When reading, data from the
DDRAM or CGRAM corresponding to the address in the
instruction register is written to the data register prior to
being read by the ‘read data’ instruction.
7.8
Busy flag
The busy flag indicates the internal status of the
PCF2113x. A logic 1 indicates that the chip is busy and
further instructions will not be accepted. The busy flag is
output to pin DB7 when bit RS = 0 and bit R/W=1.
Instructions should only be written after checking that the
busy flag is at logic 0 or waiting for the required number of
cycles.
7.9
Address Counter (AC)
The address counter assigns addresses to the DDRAM
and CGRAM for reading and writing and is set by the
commands ‘set CGRAM address’ and ‘set DDRAM
address’. After a read/write operation the address counter
is automatically incremented or decremented by 1.
The address counter contents are output to the bus
(DB6 to DB0) when bit RS = 0 and bit R/W=1.
7.10
Display Data RAM (DDRAM)
The DDRAM stores up to 80 characters of display data
represented by 8-bit character codes. RAM locations
which are not used for storing display data can be used as
general purpose RAM. The basic RAM to display
addressing scheme is shown in Fig.3. With no display shift
the characters represented by the codes in the first
24 RAM locations starting at address 00H in line 1 are
displayed. Figures 4 and 5 show the display mapping for
right and left shift respectively.
When data is written to or read from the DDRAM,
wrap-around occurs from the end of one line to the start of
the next line. When the display is shifted each line wraps
around within itself, independently of the others. Thus all
lines are shifted and wrapped around together.
The address ranges and wrap-around operations for the
various modes are shown in Table 2.
f
frame
f
OSC
3 072
-------------
=
Table 2
Address space and wrap-around operation
MODE
1
× 24
2
× 12
1
× 12
Address space
00 to 4F
00 to 27; 40 to 67
00 to 27
Read/write wrap-around (moves to next line)
4F to 00
27 to 40; 67 to 00
27 to 00
Display shift wrap-around (stays within line)
4F to 00
27 to 00; 67 to 40
27 to 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com