Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2113EU Datasheet HTML 1Page - NXP Semiconductors PCF2113EU Datasheet HTML 2Page - NXP Semiconductors PCF2113EU Datasheet HTML 3Page - NXP Semiconductors PCF2113EU Datasheet HTML 4Page - NXP Semiconductors PCF2113EU Datasheet HTML 5Page - NXP Semiconductors PCF2113EU Datasheet HTML 6Page - NXP Semiconductors PCF2113EU Datasheet HTML 7Page - NXP Semiconductors PCF2113EU Datasheet HTML 8Page - NXP Semiconductors PCF2113EU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2001 Dec 19
2
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
CONTENTS
1
FEATURES
1.1
Note
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
LCD supply voltage generator
7.2
LCD bias voltage generator
7.3
Oscillator
7.4
External clock
7.5
Power-on reset
7.6
Power-down mode
7.7
Registers
7.8
Busy flag
7.9
Address Counter (AC)
7.10
Display Data RAM (DDRAM)
7.11
Character Generator ROM (CGROM)
7.12
Character Generator RAM (CGRAM)
7.13
Cursor control circuit
7.14
Timing generator
7.15
LCD row and column drivers
7.16
Reset function
8
INSTRUCTIONS
8.1
Clear display
8.2
Return home
8.3
Entry mode set
8.4
Display control (and partial Power-down mode)
8.5
Cursor or display shift
8.6
Function set
8.7
Set CGRAM address
8.8
Set DDRAM address
8.9
Read busy flag and read address
8.10
Write data to CGRAM or DDRAM
8.11
Read data from CGRAM or DDRAM
9
EXTENDED FUNCTION SET
INSTRUCTIONS AND FEATURES
9.1
New instructions
9.2
Icon control
9.3
Bit IM
9.4
Bit IB
9.5
Direct mode
9.6
Voltage multiplier control
9.7
Screen configuration
9.8
Display configuration
9.9
Temperature control
9.10
Set VLCD
9.11
Reducing current consumption
10
INTERFACES TO MICROCONTROLLER
10.1
Parallel interface
10.2
I2C-bus interface
11
LIMITING VALUES
12
HANDLING INSTRUCTIONS
13
DC CHARACTERISTICS
14
AC CHARACTERISTICS
15
DEVICE PROTECTION CIRCUITS
16
APPLICATION INFORMATION
16.1
General application information
16.2
4-bit operation, 1-line display using internal
reset
16.3
8-bit operation, 1-line display using internal
reset
16.4
8-bit operation, 2-line display
16.5
I2C-bus operation, 1-line display
17
BONDING PAD INFORMATION
18
TRAY INFORMATION
19
PACKAGE OUTLINE
20
SOLDERING
20.1
Introduction to soldering surface mount
packages
20.2
Reflow soldering
20.3
Wave soldering
20.4
Manual soldering
20.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
21
DATA SHEET STATUS
22
DEFINITIONS
23
DISCLAIMERS
24
BARE DIE DISCLAIMER
25
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com