Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 14Page - NXP Semiconductors PCF2113EU Datasheet HTML 15Page - NXP Semiconductors PCF2113EU Datasheet HTML 16Page - NXP Semiconductors PCF2113EU Datasheet HTML 17Page - NXP Semiconductors PCF2113EU Datasheet HTML 18Page - NXP Semiconductors PCF2113EU Datasheet HTML 19Page - NXP Semiconductors PCF2113EU Datasheet HTML 20Page - NXP Semiconductors PCF2113EU Datasheet HTML 21Page - NXP Semiconductors PCF2113EU Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
2001 Dec 19
18
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
handbook, full pagewidth
MGE996
state 1 (ON)
state 2 (OFF)
frame n + 1
frame n
12 3
18 1 2 3
18
ROW 1
VLCD
V2
V3/V4
V5
VSS
ROW 9
VLCD
V2
V3/V4
V5
VSS
ROW 2
VLCD
V2
V3/V4
V5
VSS
COL1
VLCD
V2
V3/V4
V5
VSS
COL2
VLCD
V2
V3/V4
V5
VSS
0 V
state 1
VOP
0.5VOP
0.25VOP
−0.25VOP
−0.5VOP
−VOP
0 V
state 2
VOP
0.5VOP
0.25VOP
−0.25VOP
−0.5VOP
−VOP
R1
R2
R3
R4
R5
R6
R7
R8
R9
Fig.12 MUX 1 : 18 LCD waveforms; character mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com