Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 18Page - NXP Semiconductors PCF2113EU Datasheet HTML 19Page - NXP Semiconductors PCF2113EU Datasheet HTML 20Page - NXP Semiconductors PCF2113EU Datasheet HTML 21Page - NXP Semiconductors PCF2113EU Datasheet HTML 22Page - NXP Semiconductors PCF2113EU Datasheet HTML 23Page - NXP Semiconductors PCF2113EU Datasheet HTML 24Page - NXP Semiconductors PCF2113EU Datasheet HTML 25Page - NXP Semiconductors PCF2113EU Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
2001 Dec 19
22
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
7.16
Reset function
The PCF2113x automatically initializes (resets) when power is turned on. The chip executes a reset sequence, including
a ‘clear display’, requiring 165 oscillator cycles. After the reset the chip has the state shown in Table 3.
Table 3
State after reset
STEP
FUNCTION
CONTROL BIT STATE
CONDITIONS
1
clear display
2
entry mode set
I/D = 1
+1 (increment)
S = 0
no shift
3
display control
D = 0
display off
C = 0
cursor off
B = 0
cursor character blink off
4
function set
DL = 1
8-bit interface
M = 0
1-line display
H = 0
normal instruction set
SL = 0
MUX 1 : 18 mode
5
default address pointer to DDRAM; the Busy Flag (BF) indicates the busy state (BF = 1) until
initialization ends; the busy state lasts 2 ms; the chip may also be initialized by software;
see Tables 17 and 18
6
icon control
IM = 0; IB = 0; DM = 0
icons, icon blink and direct
mode disabled
7
display/screen configuration
L = 0; P = 0; Q = 0
default configurations
8VLCD temperature coefficient
TC1 = 0; TC2 = 0
default temperature coefficient
9
set VLCD
VA = 0; VB =0
VLCD generator off
10
I2C-bus interface reset
11
Set HVgen stages
S1 = 1; S0 = 0
VLCD generator voltage
multiplier set at factor 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com