Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 43Page - NXP Semiconductors PCF2113EU Datasheet HTML 44Page - NXP Semiconductors PCF2113EU Datasheet HTML 45Page - NXP Semiconductors PCF2113EU Datasheet HTML 46Page - NXP Semiconductors PCF2113EU Datasheet HTML 47Page - NXP Semiconductors PCF2113EU Datasheet HTML 48Page - NXP Semiconductors PCF2113EU Datasheet HTML 49Page - NXP Semiconductors PCF2113EU Datasheet HTML 50Page - NXP Semiconductors PCF2113EU Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
2001 Dec 19
47
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
handbook, full pagewidth
VDD
VDD
SCL SDA
MASTER TRANSMITTER
PCF84C81A; P80CL410
PCF2113x
2
× 12 CHARACTER
LCD DISPLAY
PLUS 120 ICONS
16
C1 to C60
60
2
OSC
SCL SDA
DB3/SAO
100
nF
100
nF
R17, R18
R1 to R16
VDD
VDD
VSS
VDD
VLCD
VSS
PCF2113x
1
× 24 CHARACTER
LCD DISPLAY
PLUS 120 ICONS
16
C1 to C60
60
2
OSC
SCL SDA
DB3/SAO
470
nF
100
nF
R17, R18
R1 to R16
VSS
VDD
VSS
VDD
VLCD
VSS
MGG008
Fig.33 Application using I2C-bus interface.
16.1
General application information
The required minimum value for the external capacitors in
an application with the PCF2113x are: CExt for
VLCD/VSS = 100 nF min., for VDD/VSS = 470 nF. Higher
capacitor values are recommended for ripple reduction.
For COG applications the recommended ITO track
resistance is to be minimized for the I/O and supply
connections.
Optimized values for these tracks are below 50
Ω for the
supply and below 100
Ω for the I/O connections. Higher
track resistance reduce performance and increase current
consumption.
To avoid accidental triggering of Power-on reset
(especially in COG applications), the supplies must be
adequately decoupled. Depending on power supply
quality, VDD1 may have to be risen above the specified
minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com