Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 36Page - NXP Semiconductors PCF2113EU Datasheet HTML 37Page - NXP Semiconductors PCF2113EU Datasheet HTML 38Page - NXP Semiconductors PCF2113EU Datasheet HTML 39Page - NXP Semiconductors PCF2113EU Datasheet HTML 40Page - NXP Semiconductors PCF2113EU Datasheet HTML 41Page - NXP Semiconductors PCF2113EU Datasheet HTML 42Page - NXP Semiconductors PCF2113EU Datasheet HTML 43Page - NXP Semiconductors PCF2113EU Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
2001 Dec 19
40
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
Notes
1. Spikes on VDD1 or VSS1 which cause VDD1 − VSS1 ≤ 1.6 V can cause a Power-on reset.
2. Resets all logic when VDD1 <VPOR; 3 OSC cycles required.
3. LCD outputs are open-circuit; inputs at VDD1 or VSS1; bus inactive.
4. Tamb =25 °C; fOSC = 200 kHz.
5. LCD outputs are open-circuit; VLCD generator is on; load current IVLCD =5 µA (at VLCD).
6. Tested on sample basis.
7. Resistance of output pins (R1 to R18 and C1 to C60) with a load current of 10
µA; outputs measured one at a time;
external VLCD = 3 V, VDD1, 2, 3 =3V.
8. LCD outputs open-circuit; external VLCD.
I2C-bus; pins SDA and SCL
VIL
LOW-level input voltage
0
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
5.5
V
ILI
input leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
Ci
input capacitance
note 6
−
5
−
pF
IOL (SDA)
LOW-level output current on
pin SDA
VOL = 0.4 V; VDD1 >2V
3
−−
mA
VOL = 0.2 VDD1; VDD1 <2V
2
−−
mA
LCD outputs
RO(ROW)
row output resistance of
pins R1 to R18
note 7
−
10
30
k
Ω
RO(COL)
column output resistance of
pins C1 to C60
note 7
−
15
40
k
Ω
Vbias(tol)
bias voltage tolerance on
pins R1 to R18 and C1 to C60
note 8
−
20
130
mV
VLCD2(tol)
VLCD voltage tolerance
Tamb =25 °C; note 5
VLCD <3V
−−
160
mV
VLCD <4V
−−
200
mV
VLCD <5V
−−
260
mV
VLCD <6V
−−
340
mV
TC0
VLCD temperature coefficient 0
−−0.16 −
%/K
TC1
VLCD temperature coefficient 1
−−0.18 −
%/K
TC2
VLCD temperature coefficient 2
−−0.21 −
%/K
TC3
VLCD temperature coefficient 3
−−0.24 −
%/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com