Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 54Page - NXP Semiconductors PCF2113EU Datasheet HTML 55Page - NXP Semiconductors PCF2113EU Datasheet HTML 56Page - NXP Semiconductors PCF2113EU Datasheet HTML 57Page - NXP Semiconductors PCF2113EU Datasheet HTML 58Page - NXP Semiconductors PCF2113EU Datasheet HTML 59Page - NXP Semiconductors PCF2113EU Datasheet HTML 60Page - NXP Semiconductors PCF2113EU Datasheet HTML 61Page - NXP Semiconductors PCF2113EU Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 17 Initialization by instruction, 8-bit interface (note 1)
Note
1. X = don’t care.
STEP
DESCRIPTION
power-on or unknown state
|
wait 2 ms after internal reset has been applied
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction
0
0
0
0
1
1
X
X
X
X
function set (interface is 8 bits long)
|
wait 2 ms
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction
0
0
0
0
1
1
X
X
X
X
function set (interface is 8 bits long)
|
wait more than 40
µs
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction
0
0
0
0
1
1
X
X
X
X
function set (interface is 8 bits long)
|
|
BF can be checked after the following instructions; when BF is not checked,
the waiting time between instructions is the specified instruction time
(see Table 3)
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
function set (interface is 8 bits long); specify the number of display lines
0000110M
0H
0
0
0
0
0
0
1
0
0
0
display off
0
0
0
0
0
0
0
0
0
1
clear display
0
0
0
0
0
0
0
1
I/D
S
entry mode set
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com