Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2113EU
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2113EU Datasheet HTML 3Page - NXP Semiconductors PCF2113EU Datasheet HTML 4Page - NXP Semiconductors PCF2113EU Datasheet HTML 5Page - NXP Semiconductors PCF2113EU Datasheet HTML 6Page - NXP Semiconductors PCF2113EU Datasheet HTML 7Page - NXP Semiconductors PCF2113EU Datasheet HTML 8Page - NXP Semiconductors PCF2113EU Datasheet HTML 9Page - NXP Semiconductors PCF2113EU Datasheet HTML 10Page - NXP Semiconductors PCF2113EU Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
2001 Dec 19
7
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
Notes
1. Bonding pad location information is given in Chapter 17.
2. When the on-chip oscillator is used this pad must be connected to VDD1.
3. In the LQFP100 version this signal is connected internally and can not be accessed at any pin.
4. When the I2C-bus is used, the parallel interface pin E must be LOW. In the I2C-bus read mode DB7 to DB0 should
be connected to VDD1 or left open-circuit.
When the parallel bus is used, the pins SCL and SDA must be connected to VSS1 or VDD1; they must not be left
open-circuit.
When the 4-bit interface is used without reading out from the PCF2113x (R/W is set permanently to logic 0), the
unused ports DB0 to DB4 can either be set to VSS1 or VDD1 instead of leaving them open-circuit.
5. DB7 may be used as the busy flag, signalling that internal operations are not yet completed. In 4-bit operations the
four higher order lines DB7 to DB4 are used; DB3 to DB0 must be left open-circuit except for I2C-bus operations
(see note 4).
6. VDD2 and VDD3 should always be equal.
7. When VLCD is generated internally, pins VLCD1, VLCD2 and VLCDSENSE must be connected together. When external
VLCD is supplied, pin VLCD2 should be left open-circuit to avoid any stray current, pins VLCD1 and VLCDSENSE must be
connected together.
DB0
99
108
I/O
8-bit bidirectional data bus bit 0
VDD2
100
109
P
supply voltage 2 for VLCD generator; note 6
VDD3
−
110
P
supply voltage 3 for VLCD generator; notes 3 and 6
SYMBOL
PIN
PCF2113DH
PAD(1)
PCF2113XU
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com