Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 26 of 64
CH1 10.0mV
B
W CH2 50.0mV
B
W
M100µs
1
4
2
3
T
200.000µs
TA = 25°C
FOHx VICTIM
MEASOUTx VICTIM
MEASOUTx
ATTACK
TRIGGER
CH2 Pk-Pk 14.38mV
CH4 5.00V
CH3 5.00V
Figure 34. Shorted DUT AC Crosstalk, Victim PMU in FVMI Mode
(±200 μA Range)
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
25
45
35
65
55
75
85
FORCED TEMPERATURE (°C)
NOMINAL SUPPLIES
±15.25V
5 DIFFERENT DEVICES
Figure 35. Temperature Sensor Voltage on MEASOUTx
vs. Forced Temperature
CH1 100mV
B
W
M2.00µs
3
4
1
1
T
6.0000µs
CH3 5.00V BW
CH4 5.00V BW
CH4
2.10V
FOH0
BUSY
SYNC
Figure 36. Range Change, PMU0, ±5 μA to ±2 mA, CLOAD = 1 nF,
RLOAD = 620 kΩ, FV = 3 V
CH1 50.0mV
B
W
M800ns
4
1
3
T
2.40000µs
CH3 5.00V BW
CH4 5.00V BW
CH4
2.10V
FOH0
BUSY
SYNC
Figure 37. Range Change, PMU0, ±2 mA to ±5 μA, CLOAD = 1 nF,
RLOAD = 620 kΩ, FV = 3 V
CH1 20.0mV
B
W
M20.0µs
4
1
3
T
60.0000µs
CH3 5.00V BW
CH4 5.00V BW
CH4
2.10V
FOH0
BUSY
SYNC
Figure 38. Range Change, PMU0, ±5 μA to ±2 mA, CLOAD = 100 nF,
RLOAD = 620 kΩ, FV = 3 V
CH1 20.0mV
B
W
M20.0µs
4
1
3
T
60.0000µs
CH3 5.00V BW
CH4 5.00V BW
CH4
2.10V
FOH0
BUSY
SYNC
Figure 39. Range Change, PMU0, ±2 mA to ±5 μA, CLOAD = 100 nF,
RLOAD = 620 kΩ, FV = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com